PART |
Description |
Maker |
AIC1731 AIC1731-33PVTR AIC1731-15CVBG AIC1731-15CV |
3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO 300mA, Low Dropout Linear Regulator with Shutdown
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
APE8800A APE8800A-15Y5P APE8800A-18Y5P APE8800A-25 |
300mA Low Dropout Linear Regulator with Shutdown
|
Advanced Power Electronics Corp.
|
AP130-20PL-7 AP130-20PL-U AP130-15PL-13 AP130-15PL |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
|
DIODES[Diodes Incorporated]
|
SS62951D-33CSTB SS62951-33CSTB SS62951D-33CSTR SS6 |
150mA/ 300mA Low Dropout Linear Regulatror
|
Silicon Standard Corp.
|
AIC1722 AIC1722-33 AIC1722-33CX AIC1722-33CZL AIC1 |
300mA Low Dropout Linear Regulator 300mA低压差线性稳压器
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
SG2002-2.5 SG2002-2.5XN5_TR SG2002-2.8 SG2002-2.85 |
300mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
SGM2013-2.5 SGM2013-2.5XK3 SGM2013-2.5XK3_TR SGM20 |
300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
APL5833 APL5833-28EC-TR APL5833-28EC-TRL APL5833-D |
300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
|
ANPEC[Anpec Electronics Coropration]
|
APL5537 APL5537WCTI-TRG APL5537WQBI-TRG |
Dual Channel 300mA Low Dropout Linear Regulator
|
Anpec Electronics Coropration
|
APL5537MRCTI-TRG APL5537BBQBI-TRG APL5537OOCTI-TRG |
Dual Channel 300mA Low Dropout Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Coroprati... Anpec Electronics Corop...
|
EUP7967A-15VIR1 EUP7967A-18VIR1 EUP7967A-12VIR1 EU |
300mA Low-Noise Low-Dropout Linear Regulator
|
德信科技股份有限公司 Eutech Microelectronics Inc
|